PART |
Description |
Maker |
5962R9308902HXA 5962-9308902HXC 5962L9308902HXA 59 |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DC-to-DC Voltage Converter 型DC - DC电压转换
|
EPCOS AG
|
AD847 AD847AQ AD847AR AD847JN AD847JR AD847SQ AD84 |
High Speed Low Power Monolithic Op Amp Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style High Speed, Low Power Monolithic Op Amp
|
AD[Analog Devices] HP
|
5962F9584501VYC 5962H9584501VYC 5962R9584501VYC 59 |
2-Wire, Serial, 8-Bit DACs with Rail-to-Rail Outputs 5-Pin, Multiple-Input, Programmable Reset ICs Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs in µMAX 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX Low-Cost, Low-Power, 8-Bit DACs with 3-Wire Serial Interface in SOT23 Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in µMAX x8的SRAM x8 SRAM x8的SRAM
|
Analog Devices, Inc. California Micro Devices Corporation
|
AD561JCHIPS |
Low Cost 10-Bit Monolithic D/A Converter
|
Analog Devices
|
HI3-DAC80V-5 |
12-Bit, Low Cost, Monolithic D/A Converter
|
Renesas Electronics Corporation
|
ZN559 |
Low Cost 8-Bit Latched Input Monolithic D-A Converter
|
Plessey Semiconductors
|
ADDAC80 ADDAC87CBI-I ADDAC87CBI-V ADDAC85MILCBII8 |
Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85C Complete Low Cost Hybrid 12-Bit D/A Converter 0to 70C Complete Low Cost Hybrid 12-Bit D/A Converter, -25 to 85°C Complete Low Cost Hybrid 12-Bit D/A Converter, -55 to 125°C From old datasheet system IC,D/A CONVERTER,SINGLE Complete low cost, linearity error /- 1/2 LBS, binary input
|
Analog Devices adi
|
MAX4173TESA MAX4173F-MAX4173T MAX4173FESA MAX4173F |
From old datasheet system Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Low-Cost, SOT23, Voltage-Output,High-Side Current-Sense Amplifier(低成SOT23,电压输出,高边电流感应放大 Low-Cost / SOT23 / Voltage-Output / High-Side Current-Sense Amplifier
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6125 MAX6160EUS-T |
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor
|
D1555 |
Very Low Noise / Low Cost Voltage Controlled Oscillator VCO MODEL D-1555
|
Z communications Z-Communications http://
|
ISL12058 ISL12058IBZ ISL12058IBZ-T ISL12058IRTZ IS |
Low Cost and Low Power I2C-Bus Real Time Clock/Calendar Low Cost and Low Power I2C-Bus™ Real Time Clock/Calendar Low Power and Low Cost RTC with Alarm Function; 8-MSOP; Ind Temp REAL TIME CLOCK, PDSO8 Low Cost and Low Power I2C-Bus垄芒 Real Time Clock/Calendar
|
Intersil, Corp. Intersil Corporation
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|